PART |
Description |
Maker |
EDI8C32512CA20EQ EDI8C32512CA20EI EDI8C32512CA20EM |
270MHz Ultra-Accurate Amplifiers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 14-HTSSOP T&R 500MHz Low Power Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 18-Channel TFT-LCD Reference Voltage Generator; Temperature Range: -40°C to 85°C; Package: 38-HTSSOP T&R Multi-Channel Buffer; Temperature Range: -40°C to 85°C; Package: 16-TSSOP T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 28-HTSSOP T&R X32号的SRAM模块
|
Microchip Technology, Inc.
|
SI300-FS SI3000-KS SI3000-KSR SI3008-B-FS SI3000-C |
84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4?2 kHz Sample Rates 30 dB Microphone Pre-Amp
|
Silicon Laboratories Inc.
|
AL3K-67132L-70 ALS3-67132L-70 AL1K-67142L-70 ALS3- |
Push-Pull PWM Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 3-Phase, Buck Controllers for AMD CPUs; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C N-Channel MOSFET Gate Driver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Low Input Voltage, DC/DC Controller for DDR/QDR Memory Termination; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C x8 Dual-Port SRAM x8双端口SRAM
|
Qimonda AG Aeroflex, Inc. Advanced Interconnections, Corp.
|
M64886FP REJ03F0087-0100Z |
ASSP>Short-Range Wireless Communication>Short-Range Wireless Communication ICs RF Transceiver for Short-range Wireless From old datasheet system
|
RENESAS[Renesas Electronics Corporation]
|
CY2302SXI-1T |
Frequency Multiplier and Zero Delay Buffer; Voltage (V): 3.3/5.0 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 2; Operating Range: -40 to 85 C 23S SERIES, PLL BASED CLOCK DRIVER, 2 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 Frequency Multiplier and Zero Delay Buffer; Voltage (V): 3.3/5.0 V; Frequency Range: 10 MHz to 133 MHz; Outputs: 2; Operating Range: -40 to 85 C
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
FMBL1G300US60 |
IGBT Molding Type Module BK Precision Sweep/Function Generators, Waveforms: Sine, Square, Triangle, /- Pulse, /- Ramp, Frequency Range: .2 Hz-20 MHz, Resolution: 5 Digits, Tuning Range: 10:1, Impedance: 50 Ohm, Attenuation: -20 /-1 dB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
AM27H010 AM27H010-45DEB AM27H010-45DIB AM27H010-45 |
x8 EPROM x8存储 Low Loss PowerPath Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Differential Driver and Receiver Pair; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Negative Voltage Diode-OR Controller and Monitor; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 36V, Low Loss PowerPath Controller for Large PFETs; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
EL8173FSZ-T7 |
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R
|
INTERSIL CORP
|
AM27C040-95DC AM27C040-95DI AM27C040-95EC AM27C040 |
x8 EPROM Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Serial 16-Bit Multiplying DACs; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Active RC, 4th Order Lowpass Filter Family; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Dual Serial 12-Bit Multiplying DAC; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储
|
Amphenol, Corp.
|
LTC1871IMS-7PBF |
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
EGP08A EGP08B |
Dual Digitally Controlled Potentiometers (XDCP); Low Noise, Low Power, I2C® Bus, 128 Taps, Wiper Only; Temperature Range: Full-Range Ind Ultrafast Recovery Rectifiers 超快恢复二极
|
AME, Inc.
|
|